Part Number Hot Search : 
BC160 MUN22 C1024 KRF7530 EMPCD081 331E3 C3216X7R 2SB12
Product Description
Full Text Search
 

To Download FFS-B33H6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMMUNICATIONS COMPONENTS
Fused Coupler, Visible Light
Key Features
* Visible wavelength operation * All fiber -- no lens alignment * No unwanted reflections * Low light loss * High power handling
Applications
* Visible and display systems * Sensors * Biomedical equipment * Research
The JDSU visible light fused fiber coupler is a compact, low loss, fused component (1x2, 2x2) that is bidirectional and splits or combines visible optical signals. It is designed for use in display systems, test equipment, fiberoptic research, and fiber sensors. The coupler uses advanced fused fiber technology to provide optimum performance at wavelengths within the visible light spectrum. No light leaves the fiber and therefore no alignment is required; and there are no unwanted reflections. Furthermore the output fiber pigtails may be directly integrated into beam delivery systems.
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
FUSED COUPLER, VISIBLE LIGHT
2
Configuration (Note: 1x2 couplers for blue wavelengths (i.e. <500 nm) are supplied as 2x2 with an external termination on port P4. ) 1x2
P1 (Red) COMMON (Input) P2 (Blue) SIGNAL (Input)
P3 (Red) TAP (Output)
2x2
P1 (Red) COMMON (Input) P2 (Blue) SIGNAL (Input)
P4 (Blue)
P3 (Red) TAP (Output)
Insertion Loss
Coupling Ratio1 10% 10% 20% 20% 30% 30% 40% 40% 50% 50%
Grade2 A B A B A B A B A B
Available Housing Option 3, 4, 5, 6 3, 4, 5, 6 3, 4, 5, 6 3, 4, 5, 6 3, 4, 5, 6 3, 4, 5, 6 3, 4, 5, 6 3, 4, 5, 6 3, 4, 5, 6 3, 4, 5, 6
Available Wavelength(s) Coupling Ratio Tolerance Excess Loss3 90/10 90/10 80/20 80/20 70/30 70/30 60/40 60/40 50/50 50/50 2% 3% 3% 4% 3% 4% 4% 5% 5% 6% 0.3 dB 0.5 dB 0.3 dB 0.5 dB 0.3 dB 0.5 dB 0.3 dB 0.5 dB 0.3 dB 0.5 dB
1. Other coupling ratio are available. Please contact JDSU for specifications of coupling ratios not listed. 2. In 2x2 couplers performance is not specified for launch through second input port P4 (colored blue) 3. Includes fiber losses for up to 1 m pigtail length. Does not include connector losses.
Housing Option
Housing Code 3 4 5 5
Description Regular O 0.9 mm slim O 0.9 mm semi-ruggedized O 3.0 mm fully-ruggedised
1x2, 2x2 Dimensions (mm) 3.0 (O) x 55 (L) 3.0 (O) x 76 (L) 5.0 (O) x 85 (L) 80 (L) x 10 (W) x 8 (H)
Pigtail Primary coated fiber 0.9 mm loose tube O 0.9 mm loose-tube 3.0 mm fan-out sleeving
FUSED COUPLER, VISIBLE LIGHT
3
Specifications
Parameter Operating wavelength range Operating temperature range1 Storage temperature range Fiber type
Specification Specified wavelength within the range of 450 to 700 nm -40 to 75 C -40 to 85 C Short wavelength speciality fiber
1. For connectorised component, operating temperature range is -5 to 75 C.
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at customer.service@jdsu.com.
Sample: FFS-G32K31A10 (Fused Fiber Speciality Coupler, 532 nm, 50/50 coupling ratio, regular housing, 1x2, A grade, 1 m pigtails, no connectors)
FFSCode R G B Wavelength (First Digit) 6xx nm (red) 5xx nm (green) 4xx nm (blue) Code A C E H K Coupling Ratio1 10% 20% 30% 40% 50% Code 1 2 Configuration3 1x2 2x2 Code 0 1 3 5 9 A B Connectors2, 5 None FC/PC FC/APC SC/APC FC/UPC SC/UPC LC6
Code A B
Grade Grade A Grade B
Code
Wavelength (Second and Third Digit) Examples: 33 x33 nm 32 x32 nm 57 x57 nm
Code 3 4 5 6
Housing2 Regular O 0.9 mm slim O 0.9 mm semi-ruggedised O 3.0mm fully ruggedised
Code 0 1
Pigtail Length4 0.5 meter 1 meter
1. Other coupling ratio are available. Please contact JDSU for ordering codes of coupling ratios not listed. 2. Connectors may be fitted to housing types 4, 5 and 6. For connectorisation of housing type 3, please contact JDSU sales office. 3. 1x2 couplers for blue wavelengths (i.e. <500 nm) are supplied as a 2x2 with an external termination on port P4. 4. Minimum pigtail length. Other pigtail lengths are available on request. When the pigtail has been modified to include a connector, pigtail length measurment includes the connector end face. 5. Excess loss in specification table does not include connector losses. 6. LC connector is not available for housing code 6, fully ruggedised housing.
LC is a registered trademark of Lucent Technologies.
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
Product specifications and descriptions in this document subject to change without notice. (c) 2007 JDS Uniphase Corporation 21027806 Rev. 003 10/05 FFSVL.DS.CC.AE
March 2007


▲Up To Search▲   

 
Price & Availability of FFS-B33H6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X